Part Number Hot Search : 
M74HC76 ROV14 LTC55 SST39 3N60E V769MEM1 MS201 MP2361DK
Product Description
Full Text Search
 

To Download MC9S12K-FAMILY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? motorola 2003 motorola semiconductor technical data MC9S12K-FAMILY rev 6.0, 21-oct-03 MC9S12K-FAMILY product preview 16-bit microcontroller targeted for ultra high reliability systems, members of the MC9S12K-FAMILY of 16-bit flash-based microcontrol- lers have an increased performance in re liability over the life of the product. the improvement is due to a built-in error checking and correction code (ecc) in the flash memory. the program and eras e operations automatically generate six parity bits per word making ecc transparen t to the end user. the ecc logic implements a modified hamming code capable of correcting single bit faults a nd detecting double bit faults in each word. the mc9s12k- family members are composed of st andard on-chip peripherals and maintain pin compatibility with the mc9s12d-family. features ? 16-bit cpu12 ? upward compatible with m68hc11 instruction set ? interrupt stacking and programmer?s model identical to m68hc11 ? instruction queue ? enhanced indexed addressing ? system integration module (sim) ? multiplexed external bus interface (mebi) ? single chip or expanded ? 16 address/16 data wide or 16 address/8 data narrow modes ? memory map and interface (mmc) ? interrupt controller (int) ? development support ? single-wire background debug mode? (bdm) ? debugger with on-chip trace buffe r and flexible triggers (dbg) ? on-chip hardware breakpoints (bkp) ? oscillator (osc) ? 2mhz to 16mhz frequency range ? pierce with amplitu de loop control ? clock monitor ? clock and reset generator (crg) ? phase-locked loop cl ock frequency multiplier ? self clock mode in absence of external clock ? cop watchdog ? real time interrupt (rti) ? memory options ? 32k, 64k, 128k, 256k byte flash eeprom ? internal program/erase voltage generation ? security and bl ock protect bits ? built-in error checking and correction code (ecc) ? 1k, 2k, 4k byte eeprom ? 2k, 4k, 8k, 12k byte static ram f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
? motorola 2003 MC9S12K-FAMILY 2 rev 6.0, 21-oct-03 ? analog-to-digital converter(s) (adc) ? two 8-channel modules with 10-bit resolution for mc9s12kt256 ? one 16-channel module with 10-bit resolution for mc9s12kg128, mc9s12k64 and mc9s12k32 ? external conversion trigger capability ? 8-channel timer (tim) ? programmable input capture or output compare channels ? simple pwm mode ? counter modulo reset ? external event counting ? gated time accumulation ? 8-channel pulse wi dth modulator (pwm) ? programmable period and duty cycle per channel ? 8-bit 8-channel or 16-bit 4-channel ? edge and center aligned pwm signals ? emergency shutdown input ? up to three 1m bit per second, can 2 .0 a, b software compatible modules ? five receive and three transmit buffers ? flexible identifier filter programmable as 2x32 bit, 4x16 bit or 8x8bit ? four separate interrupt channels for rx, tx, error and wake-up ? low-pass filter wake-up function ? loop-back for self test operation ? serial interfaces ? up to two asynchronous seri al communication interface (sci) ? up to three synchronous seri al peripheral interface (spi) ? inter-ic bus (iic) ? internal 2.5v regulator ? input voltage range from 3.15v to 5.5v ? low power mode capability ? low voltage reset (lvr) and low voltage interrupt (lvi) ? 20 key wake up inputs ? rising or falling edge triggered interrupt capability ? digital filter to prevent short pulses from triggering interrupts ? programmable pull ups and pull downs ? operating frequency for ambient temperatures (t a -40 c to 125 c) ? 50mhz equivalent to 25mhz bus speed ? 112-pin lqfp or 80-pin qfp package ? i/o lines with 3.3v/5v input and drive capability ? 3.3v/5v a/d converter inputs f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
MC9S12K-FAMILY ? motorola 2003 rev 6.0, 21-oct-03 3 ? pin out explanations: ? a/d is the number of a/d channels. ? i/o is the sum of ports capable to act as digital input or output. 112 pin packages: port a = 8, b = 8, e = 6 + 2 input only, h = 8, j = 4, k = 7, m = 8, p = 8, s = 8, t = 8, pad = 16 input only. 22 inputs provide interrupt capabilit y (h =8, p= 8, j = 4, irq, xirq) 80 pin packages: port a = 8, b = 8, e = 6 + 2 input only, j = 2, m = 6, p = 7, s = 4, t = 8, pad = 8 input only. 11 inputs provide interrupt capa bility (p= 7, j = 2, irq, xirq) ? can0 can be routed under software control from pm1:0 to pins pm3:2 or pm5:4. ? can4 pins are shared between iic pins. ? can4 can be routed under software control from pj7:6 to pins pm5:4 or pm7:6. ? versions with 2 can modules will have can0 and can4. ? versions with one can module will have can0. ? versions with 2 spi modu les will have spi0 and spi1. ? versions with 1 spi will have spi0. ? spi0 can be routed to either ports ps7:4 or pm5:2. ? spi2 pins are shared with pwm7:4. ? in 112 pin versions spi2 can be rout ed under software control to ph7:4. ? in 80 pin versions ss signal of spi2 is not bonded out! table 1 list of MC9S12K-FAMILY members flash ram eeprom package device can sci spi iic a/d pwm i/o 256k 12k 4k 112lqfp kt256 3 2 3 1 16 8 91 kg256 2 2 3 1 16 8 91 80qfp kg256 2 2 3 1 8 7 59 128k 8k 2k 112lqfp kg128 2 2 3 1 16 8 91 80qfp kg128 2 2 3 1 8 7 59 64k 4k 1k 112lqfp k64 1 2 2 1 16 8 91 80qfpk6412218759 32k 2k 1k 80qfp k32 1 2 1 0 8 7 59 f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
? motorola 2003 MC9S12K-FAMILY 4 rev 6.0, 21-oct-03 mc9s12kt256 block diagram 256k byte flash eeprom 12k byte ram reset extal xtal v dd1,2 v ss1,2 sci0 bkgd r/w modb xirq noacc/xclks system integration module (sim) vddr cpu12 periodic interrupt cop watchdog clock monitor single-wire bdm breakpoints pll vsspll xfc vddpll multiplexed address/data bus atd0 multiplexed wide bus multiplexed v ddx v ssx internal logic 2.5v narrow bus ppage v ddpll v sspll osc/pll 2.5v irq lstrb eclk moda pa4 pa3 pa2 pa1 pa0 pa7 pa6 pa5 test addr12 addr11 addr10 addr9 addr8 addr15 addr14 addr13 data12 data11 data10 data9 data8 data15 data14 data13 pb4 pb3 pb2 pb1 pb0 pb7 pb6 pb5 addr4 addr3 addr2 addr1 addr0 addr7 addr6 addr5 data4 data3 data2 data1 data0 data7 data6 data5 data4 data3 data2 data1 data0 data7 data6 data5 pe3 pe4 pe5 pe6 pe7 pe0 pe1 pe2 an2 an6 an0 an7 an1 an3 an4 an5 pad03 pad04 pad05 pad06 pad07 pad00 pad01 pad02 ioc2 ioc6 ioc0 ioc7 ioc1 ioc3 ioc4 ioc5 pt3 pt4 pt5 pt6 pt7 pt0 pt1 pt2 vrh vrl vdda vssa vrh vrl an2 an6 an0 an7 an1 an3 an4 an5 pad11 pad12 pad13 pad14 pad15 pad08 pad09 pad10 vdda vssa rxd txd miso mosi ps3 ps4 ps5 ps0 ps1 ps2 sci1 rxd txd pwm2 pwm6 pwm0 pwm7 pwm1 pwm3 pwm4 pwm5 pp3 pp4 pp5 pp6 pp7 pp0 pp1 pp2 pix2 pix0 pix1 pix3 ecs pk3 pk7 pk0 pk1 xaddr17 ecs xaddr14 xaddr15 xaddr16 sck ss ps6 ps7 spi0 iic sda scl pj6 pj7 can0 rxcan txcan pm1 pm0 pm2 pm3 pm4 pm5 pm6 pm7 kwh2 kwh6 kwh0 kwh7 kwh1 kwh3 kwh4 kwh5 ph3 ph4 ph5 ph6 ph7 ph0 ph1 ph2 kwj0 kwj1 pj0 pj1 i/o driver 3.3v/5v v dda v ssa a/d converter 3.3v/5v ddra ddrb pta ptb ddre pte ad1 ad0 ptk ddrk ptt ddrt ptp ddrp pts ddrs ptm ddrm pth ddrh ptj ddrj pk2 crg voltage regulator vssr vdd1,2 vss1,2 vregen v ddr v ssr voltage regulator 3.3v/5v pix4 pix5 pk4 pk5 xaddr18 xaddr19 voltage reference kwp2 kwp6 kwp0 kwp7 kwp1 kwp3 kwp4 kwp5 kwj6 kwj7 tim signals shown in bold are not available on the 80 pin package module to port routing 4k byte eeprom pwm miso mosi sck ss spi1 miso mosi sck ss spi2 can4 rxcan txcan osc debugger can1 rxcan txcan atd1 vrh vrl vdda vssa vrh vrl vdda vssa f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
MC9S12K-FAMILY ? motorola 2003 rev 6.0, 21-oct-03 5 mc9s12kg128, mc9s12k64 and mc9s12k32 block diagram 128k, 64k, 32k byte flash eeprom 8k, 4k, 2k byte ram reset extal xtal v dd1,2 v ss1,2 sci0 bkgd r/w modb xirq noacc/xclks system integration module (sim) vddr cpu12 periodic interrupt cop watchdog clock monitor single-wire bdm breakpoints pll vsspll xfc vddpll multiplexed address/data bus atd multiplexed wide bus multiplexed v ddx v ssx internal logic 2.5v narrow bus ppage v ddpll v sspll osc/pll 2.5v irq lstrb eclk moda pa4 pa3 pa2 pa1 pa0 pa7 pa6 pa5 test addr12 addr11 addr10 addr9 addr8 addr15 addr14 addr13 data12 data11 data10 data9 data8 data15 data14 data13 pb4 pb3 pb2 pb1 pb0 pb7 pb6 pb5 addr4 addr3 addr2 addr1 addr0 addr7 addr6 addr5 data4 data3 data2 data1 data0 data7 data6 data5 data4 data3 data2 data1 data0 data7 data6 data5 pe3 pe4 pe5 pe6 pe7 pe0 pe1 pe2 an02 an06 an00 an07 an01 an03 an04 an05 pad03 pad04 pad05 pad06 pad07 pad00 pad01 pad02 ioc2 ioc6 ioc0 ioc7 ioc1 ioc3 ioc4 ioc5 pt3 pt4 pt5 pt6 pt7 pt0 pt1 pt2 vrh vrl vdda vssa vrh vrl an10 an14 an08 an15 an09 an11 an12 an13 pad11 pad12 pad13 pad14 pad15 pad08 pad09 pad10 vdda vssa rxd txd miso mosi ps3 ps4 ps5 ps0 ps1 ps2 sci1 rxd txd pwm2 pwm6 pwm0 pwm7 pwm1 pwm3 pwm4 pwm5 pp3 pp4 pp5 pp6 pp7 pp0 pp1 pp2 pix2 pix0 pix1 pix3 ecs pk3 pk7 pk0 pk1 xaddr17 ecs xaddr14 xaddr15 xaddr16 sck ss ps6 ps7 spi0 iic sda scl pj6 pj7 can0 rxcan txcan pm1 pm0 pm2 pm3 pm4 pm5 pm6 pm7 kwh2 kwh6 kwh0 kwh7 kwh1 kwh3 kwh4 kwh5 ph3 ph4 ph5 ph6 ph7 ph0 ph1 ph2 kwj0 kwj1 pj0 pj1 i/o driver 3.3v/5v v dda v ssa a/d converter 3.3v/5v ddra ddrb pta ptb ddre pte pad pad ptk ddrk ptt ddrt ptp ddrp pts ddrs ptm ddrm pth ddrh ptj ddrj pk2 crg voltage regulator vssr vdd1,2 vss1,2 vregen v ddr v ssr voltage regulator 3.3v/5v pix4 pix5 pk4 pk5 xaddr18 xaddr19 voltage reference kwp2 kwp6 kwp0 kwp7 kwp1 kwp3 kwp4 kwp5 kwj6 kwj7 tim signals shown in bold are not available on the 80 pin package. module to port routing 2k, 1k byte eeprom pwm miso mosi sck ss spi1 miso mosi sck ss spi2 rxcan txcan osc debugger can4 can4 and spi2 are only available on the mc9s12kg128. iic and spi1 are not available on the mc9s12k32. f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
? motorola 2003 MC9S12K-FAMILY 6 rev 6.0, 21-oct-03 pin assignments figure 1 pin assignments 112 lqfp for MC9S12K-FAMILY vrh vdda pad15/an15 pad07/an07 pad14/an14 pad06/an06 pad13/an13 pad05/an05 pad12/an12 pad04/an04 pad11/an11 pad03/an03 pad10/an10 pad02/an02 pad09/an09 pad01/an01 pad08/an08 pad00/an00 vss2 vdd2 pa7/addr15/data15 pa6/addr14/data14 pa5/addr13/data13 pa4/addr12/data12 pa3/addr11/data11 pa2/addr10/data10 pa1/addr9/data9 pa0/addr8/data8 pp4/kwp4/pwm4/miso2 pp5/kpw5/pwm5/mosi2 pp6/kwp6/pwm6/ss2 pp7/kwp7/pwm7/sck2 pk7/ecs vddx vssx pm0/rxcan0 pm1/txcan0 pm2/rxcan1/rxcan0/miso0 pm3/txcan1/txcan0/ss0 pm4/rxcan0/rxcan4/mosi0 pm5/txcan0/txcan4/sck0 pj6/kwj6/rxcan4/sda pj7/kwj7/txcan4/scl vregen ps7/ss0 ps6/sck0 ps5/mosi0 ps4/miso0 ps3/txd1 ps2/rxd1 ps1/txd0 ps0/rxd0 pm6/rxcan4 pm7/txcan4 vssa vrl ss1 /pwm3/kwp3/pp3 sck1/pwm2/kwp2/pp2 mosi1/pwm1/kwp1/pp1 miso1/pwm0/kwp0/pp0 xaddr17/pk3 xaddr16/pk2 xaddr15/pk1 xaddr14/pk0 ioc0/pt0 ioc1/pt1 ioc2/pt2 ioc3/pt3 vdd1 vss1 ioc4/pt4 ioc5/pt5 ioc6/pt6 ioc7/pt7 xaddr19/pk5 xaddr18/pk4 kwj1/pj1 kwj0/pj0 modc/taghi/ bkgd addr0/data0/pb0 addr1/data1/pb1 addr2/data2/pb2 addr3/data3/pb3 addr4/data4/pb4 addr5/data5/pb5 addr6/data6/pb6 addr7/data7/pb7 ss2 /kwh7/ph7 sck2/kwh6/ph6 mosi2/kwh5/ph5 miso2/kwh4/ph4 xclks /noacc/pe7 modb/ipipe1/pe6 moda/ipipe0/pe5 eclk/pe4 vssr vddr reset vddpll xfc vsspll extal xtal test ss1 /kwh3/ph3 sck1/kwh2/ph2 mosi1/kwh1/ph1 miso1/kwh0/ph0 lstrb /taglo /pe3 r/w /pe2 irq /pe1 xirq /pe0 signals shown in bold are not available on the 80 pin package MC9S12K-FAMILY 112lqfp 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
MC9S12K-FAMILY ? motorola 2003 rev 6.0, 21-oct-03 7 figure 2 pin assignments in 80 qfp for MC9S12K-FAMILY 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 vrh vdda pad07/an07 pad06/an06 pad05/an05 pad04/an04 pad03/an03 pad02/an02 pad01/an01 pad00/an00 vss2 vdd2 pa7/addr15/data15 pa6/addr14/data14 pa5/addr13/data13 pa4/addr12/data12 pa3/addr11/data11 pa2/addr10/data10 pa1/addr9/data9 pa0/addr8/data8 pp4/kwp4/pwm4/miso2 pp5/kpw5/pwm5/mosi2 pp7/kwp7/pwm7 sck2 vddx vssx pm0/rxcan0 pm1/txcan0 pm2/rxcan1/rxcan0/miso0 pm3/txcan1/txcan0/ss0 pm4/rxcan0/rxcan4/mosi0 pm5/txcan0/txcan4/sck0 pj6/kwj6/rxcan4/sda pj7/kwj7/txcan4/scl vregen ps3/txd1 ps2/rxd1 ps1/txd0 ps0/rxd0 vssa vrl pwm3/kwp3/pp3 pwm2/kwp2/pp2 pwm1/kwp1/pp1 pwm0/kwp0/pp0 ioc0/pt0 ioc1/pt1 ioc2/pt2 ioc3/pt3 vdd1 vss1 ioc4/pt4 ioc5/pt5 ioc6/pt6 ioc7/pt7 modc/taghi/ bkgd addr0/data0/pb0 addr1/data1/pb1 addr2/data2/pb2 addr3/data3/pb3 addr4/data4/pb4 addr5/data5/pb5 addr6/data6/pb6 addr7/data7/pb7 xclks /noacc/pe7 modb/ipipe1/pe6 moda/ipipe0/pe5 eclk/pe4 vssr vddr reset vddpll xfc vsspll extal xtal test lstrb /taglo /pe3 r/w /pe2 irq /pe1 xirq /pe0 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 MC9S12K-FAMILY 80 qfp f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
? motorola 2003 MC9S12K-FAMILY 8 rev 6.0, 21-oct-03 memory configurations figure 3 mc9s12kx256 user configurable memory map $0000 $ffff $c000 $8000 $4000 $0400 $1000 $ff00 ext normal single chip expanded special single chip vectors vectors vectors $ff00 $ffff bdm (if active) $c000 $ffff 16k fixed flash eeprom 2k, 4k, 8k or 16k protected boot sector $8000 $bfff 16k page window 16 x 16k flash eeprom pages $4000 $7fff 16k fixed flash eeprom 0.5k, 1k, 2k or 4k protected sector $1000 $3fff $0000 $0fff 4k bytes eeprom mappable to any 4k boundary $0000 $03ff 1k register space mappable to any 2k boundary mappable to any 16k boundary 12k bytes ram initially overlapped by register space alignable to top ($1000 - $3fff) or bottom ($0000 - $2fff) the figure shows a useful map, which is not the map out of reset. after reset the map is: $0000 - $03ff: register space $1000 - $3fff: 12k ram $0000 - $0fff: 4k eeprom (1k $0000 - $03ff not visible) f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
MC9S12K-FAMILY ? motorola 2003 rev 6.0, 21-oct-03 9 figure 4 mc9s12kg128 user configurable memory map $0000 $ffff $c000 $8000 $4000 $0400 $0800 $1000 $2000 $ff00 ext normal single chip expanded special single chip vectors vectors vectors $ff00 $ffff bdm (if active) $c000 $ffff 16k fixed flash eeprom 2k, 4k, 8k or 16k protected boot sector $8000 $bfff 16k page window 8 x 16k flash eeprom pages $4000 $7fff 16k fixed flash eeprom 0.5k, 1k, 2k or 4k protected sector $2000 $3fff 8k bytes ram mappable to any 8k boundary $0800 $0fff 2k bytes eeprom mappable to any 2k boundary $0000 $03ff 1k register space mappable to any 2k boundary the figure shows a useful map, which is not the map out of reset. after reset the map is: $0000 - $03ff: register space $0000 - $1fff: 8k ram (1k $0000 - $03ff not visible) $0000 - $07ff: 2k eeprom (1k $0000 - $03ff not visible) f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
? motorola 2003 MC9S12K-FAMILY 10 rev 6.0, 21-oct-03 figure 5 mc9s12k64 user configurable memory map $0000 $ffff $c000 $8000 $4000 $0400 $0800 $1000 $3000 $ff00 ext normal single chip expanded special single chip vectors vectors vectors $ff00 $ffff bdm (if active) $c000 $ffff 16k fixed flash eeprom 2k, 4k, 8k or 16k protected boot sector $8000 $bfff 16k page window 4 x 16k flash eeprom pages $4000 $7fff 16k fixed flash eeprom 0.5k, 1k, 2k or 4k protected sector $3000 $3fff 4k bytes ram mappable to any 4k boundary $0800 $0fff 1k bytes eeprom mappable to any 2k boundary $0000 $03ff 1k register space mappable to any 2k boundary repeated twice in the 2k space the figure shows a useful map, which is not the map out of reset. after reset the map is: $0000 - $03ff: register space $0000 - $0fff: 4k ram (1k $0000 - $03ff not visible) $0000 - $03ff: 1k eeprom (not visible) f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
MC9S12K-FAMILY ? motorola 2003 rev 6.0, 21-oct-03 11 figure 6 mc9s12k32 user configurable memory map $0000 $ffff $c000 $8000 $0400 $0800 $1000 $4000 $ff00 ext normal single chip expanded special single chip vectors vectors vectors $ff00 $ffff bdm (if active) $c000 $ffff 16k fixed flash eeprom 2k, 4k, 8k or 16k protected boot sector $8000 $bfff 16k fixed flash eeprom 2 x 16k flash eeprom pages 0.5k, 1k, 2k or 4k protected sector $3800 $3fff 2k bytes ram mappable to any 2k boundary $0800 $0fff 1k bytes eeprom mappable to any 2k boundary $0000 $03ff 1k register space mappable to any 2k boundary $3800 repeated twice in the 2k space the figure shows a useful map, which is not the map out of reset. after reset the map is: $0000 - $03ff: register space $0800 - $0fff: 2k ram $0000 - $07ff: 1k eeprom (not visible) f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, represen tation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability aris ing out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. ?typical? parameters can and do vary in di fferent applications. all operating parameters, including ?typicals? must be validated for each customer applicatio n by customer?s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for sur gical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a s ituation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and h old motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all cl aims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was n egligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola , inc. motorola, inc. is an eq ual opportunity/affirmative action employer. how to reach us: usa/europe: motorola literature distribution; p.o. box 5405, denver, colorado 80217. 1-303-675-2140 home page: http://mcu.motsps.com/ japan: motorola japan ltd.; sps, technial information center , 3-20-1, minami-azabu, minato-ku, tokyo 106-8573 japan. 81-3-3440-3569 asia/pacific: motorola semiconductors h.k. ltd.; silicon harbour centre, 2 dai king street, tai po industrial estate, tai po, n.t., hong kong. 852-266668334 customer focus center: 1-800-521-6274 ? motorola 2003 f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .


▲Up To Search▲   

 
Price & Availability of MC9S12K-FAMILY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X